Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
 

To Download BSIP10-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTCPower
BSIP10-05 BSMT10-05 Series
TM
Broadband TelCom Power, Inc.
Redefining "Current" Limits In Power Conversion
10A SIP & SMT 5V Input DC-DC Converters
Features * * * * * * * * * Industry standard pin out High efficiency to 95% 300KHz switching frequency 3.0 - 5.5 Vdc input range Over temperature protection Continuous short circuit protection Remote On/Off Cost efficient open frame design UL / cUL 60950 certified
Model Number
Input Voltage
Output Voltage
Output Current
Input Current No Load Full Load
Efficiency %
BSIP10-05-100 / BSMT10-05-100 BSIP10-05-120 / BSMT10-05-120 BSIP10-05-150 / BSMT10-05-150 BSIP10-05-180 / BSMT10-05-180 BSIP10-05-200 / BSMT10-05-200 BSIP10-05-250 / BSMT10-05-250 BSIP10-05-330 / BSMT10-05-330
3.0 -5.5 Vdc 3.0 -5.5 Vdc 3.0 -5.5 Vdc 3.0 -5.5 Vdc 3.0 -5.5 Vdc 3.0 -5.5 Vdc 4.5 -5.5 Vdc
1.0 Vdc 1.2 Vdc 1.5 Vdc 1.8 Vdc 2.0 Vdc 2.5 Vdc 3.3 Vdc
10A 10A 10A 10A 10A 10A 10A
50 mA 50 mA 50 mA 50 mA 60 mA 60 mA 60 mA
2353 mA 2791 mA 3409 mA 4000 mA 4396 mA 5376 mA 6947 mA
85 86 88 90 91 93 95
Broadband TelCom Power, Inc. - 1719 S. Grand Avenue, Santa Ana, CA 92705 U.S.A.
Tel.: 714-259-4888 * Fax: 714-259-0840* www.btcpower.com * Email: sales@btcpower.com DS BSIP10-05 Rev1 10-26-04
BSIP10-05 Series
Specifications
Input Specifications:
10A SIP&SMT 5Vi DC-DC Converters
BTCPower
TM
Input Voltage Range.........................5V........................3-5.5V 5V......................4.5-5.5V Under voltage lock-out ..................power up ...............2.8V Typ. Power down ...........2.7V Typ. Input Filter............................................................Capacitive Positive remove on /off control: Module On ..............................Open circuit or =Vin Module Off ............................................ < 0.4Vdc Output Specifications: Voltage Accuracy................. ...............................+/- 1.5 % max. Transient response : 25% step load change ...............< 200 u sec. Ripple & Noise, 20 MHz BW (note3)......................50 mV p-p max. Temperature Coeffcient.............................. +/- 0.03 % / C max. Short Circuit Protection............................................Continuous Line Regulation (note1) .......................................+/- 0.2 % max. Load Regulation (note2) ...... ...............................+/- 0.5 % max. External trim Adj. Range ............................................. +/- 10% Capacitive load, low ESR......................................10000uF max. General Specifications: Efficiency.................................................................see table Isolation Resistance.............................................Non-isolation
Switching Frequency............................................300 KHz, Typ. Over temperature protection .................................... 120 C Typ. Operating Temperature Range..............................-40C ~ +85C Power derating curve ............................................ see fig. 1,2. Storage Temperature Range...............................-55 C ~ +125C Dimensions: SIP package: 2.0" x 0.5" x 0.33" (50.8 x 12.7 x 8.3 mm) SMT package: 1.3" x 0.53" x 0.366" (33.0 x 12.46 x 9.3 mm) Structure ................................Non-potted with open frame type Note: 1. 2. 3. 4. 5. Measured from high line to low line; Measured from full load to zero load; Measured with 10uF tantalum capacitor and 1 uF ceramic capacitor across output The input terminal recommend to parallel with 100uF capacitor ESR < 20 mohm Suffix "N" to the model number with Negative logic remote Model On: Open circuit or < 0.4Vdc Model Off: > +2.8Vdc to Vin
Outline Information and Pin-out
SMT Outline information
Broadband TelCom Power, Inc. - 1719 S. Grand Avenue, Santa Ana, CA 92705 U.S.A.
Tel.: 714-259-4888 * Fax: 714-259-0840* www.btcpower.com * Email: sales@btcpower.com DS BSIP10-05 Rev1 10-26-04
BSIP10-05 Series
10A SIP&SMT 5Vi DC-DC Converters
BTCPower
TM
SIP Outline Inforamtion
Dimensions are in Inches (millimeters) Tolerances: .XX 0.2" (.X 0.5), unless otherwise noted .XXX 0.01" (.XX 0.25)
PIN CONNECTION Pin 1 2 3 4 5 6 7 8 9 10 11 Function + Output + Output + Sense + Output Common Common + V Input + V Input No Pin Trim On / Off Control
Broadband TelCom Power, Inc. - 1719 S. Grand Avenue, Santa Ana, CA 92705 U.S.A.
Tel.: 714-259-4888 * Fax: 714-259-0840* www.btcpower.com * Email: sales@btcpower.com DS BSIP10-05 Rev1 10-26-04
BSIP10-05 Series
10A SIP&SMT 5Vi DC-DC Converters
BTCPower
TM
Product Brief
Temperature Typical Derating Curve
Fig 2.: Typical Derating Curve of BSMT10-05 series Fig 1.: Typical Derating Curve of BSIP10-05 series
Trim Resistor Values
Vo (set) (V) 0.75 1.2 1.5 1.8 2 2.5 3.3 3.63 Fig 3.: Simplified Schematic
Rtrim (Kohm) Open 41.71 22.98 14.96 11.75 6.93 3.15 2.2
The information and specifications contained in this brief are believed to be accurate and reliable at the time of publication. Specifications are subject to change without notice. Refer to product specification sheet for performance characteristics and application guidelines.
Broadband TelCom Power, Inc. - 1719 S. Grand Avenue, Santa Ana, CA 92705 U.S.A.
Tel.: 714-259-4888 * Fax: 714-259-0840* www.btcpower.com * Email: sales@btcpower.com DS BSIP10-05 Rev1 10-26-04


▲Up To Search▲   

 
Price & Availability of BSIP10-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X